Part Number Hot Search : 
200CT 1N4004E 2SB822P OPC60XTP 71905 C9013 012HS IRS2092S
Product Description
Full Text Search
 

To Download MIC37100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC37100/37101/37102
Micrel
MIC37100/37101/37102
1A Low-Voltage Cap LDO Regulator
General Description
The MIC37100, MIC37101, and MIC37102 are 1A lowdropout, linear voltage regulators that provide low-voltage, high-current output from an extremely small package. Utilizing Micrel's proprietary Super eta PNPTM pass element, the MIC37100/01/02 offers extremely low dropout (typically 280mV at 1A) and low ground current (typically 11mA at 1A). The MIC37100 is a fixed output regulator offered in the SOT-223 package. The MIC37101 and MIC37102 are fixed and adjustable regulators, respectively, in a thermally enhanced power 8-lead SOIC (small outline package) and the SOT-223 package. The MIC37102 is also available in the SPAK power package, for applications that require higher power dissipation or higher operating ambient temperatures. The MIC37100/01/02 is ideal for PC add-in cards that need to convert from standard 5V to 3.3V, 3.3V to 2.5V or 2.5V to 1.8V or lower. A guaranteed maximum dropout voltage of 500mV over all operating conditions allows the MIC37100/01/02 to provide 2.5V from a supply as low as 3V and 1.8V from a supply as low as 2.3V. The MIC37100/01/02 is fully protected with overcurrent limiting and thermal shutdown. Fixed output voltages of 1.5V, 1.65V, 1.8V, 2.5V and 3.3V are available on MIC37100/01 with adjustable output voltages to 1.24V on MIC37102.
Features
* Fixed and adjustable output voltages to 1.24V * Cap Regulator, 10F ceramic output capacitor stable * 280mV typical dropout at 1A Ideal for 3.0V to 2.5V conversion Ideal for 2.5V to 1.8V, 1.65V or 1.5V conversion * 1A minimum guaranteed output current * 1% initial accuracy * Low ground current * Current limiting and thermal shutdown * Reversed-leakage protection * Fast transient response * Low-profile SOT-223 package * Power SO-8 package * S-PAK package (MIC37102 only)
Applications
* * * * * * * LDO linear regulator for PC add-in cards PowerPCTM power supplies High-efficiency linear power supplies SMPS post regulator Multimedia and PC processor supplies Battery chargers Low-voltage microcontrollers and digital logic
For other voltages, contact Micrel.
All support documentation can be found on Micrel's web site at www.micrel.com.
Typical Applications
Dropout vs. Output Current
350
DROPOUT (mV)
VIN 3.3V
MIC37100 IN OUT GND
300
2.5VOUT
2.5V 10F ceramic
250 200 150 100 50 0 0 0.25 0.5 0.75 OUTPUT CURRENT (A) 1 3.3VOUT
2.5V/1A Regulator
Super eta PNP is a registered trademark of Micrel, Inc. PowerPC is a trademark of IBM Corporation. Micrel, Inc. * 1849 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
September 2004
1
M9999-091604
MIC37100/37101/37102
Micrel
Ordering Information
Part Number MIC37100-1.5BS MIC37100-1.65BS MIC37100-1.8BS MIC37100-2.5BS MIC37100-3.3BS MIC37101-1.5BM MIC37101-1.65BM MIC37101-1.8BM MIC37101-2.5BM MIC37101-3.3BM MIC37102BM MIC37101-1.5YM MIC37101-1.65YM MIC37101-1.8YM MIC37101-2.5YM MIC37101-3.3YM MIC37102YM MIC37102BR Voltage 1.5V 1.65V 1.8V 2.5V 3.3V 1.5V 1.65V 1.8V 2.5V 3.3V Adj. 1.5V 1.65V 1.8V 2.5V 3.3V Adj. Adj. Junction Temp. Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package SOT-223 SOT-223 SOT-223 SOT-223 SOT-223 SOIC-8 SOIC-8 SOIC-8 SOIC-8 SOIC-8 SOIC-8 SOIC-8 Lead Free SOIC-8 Lead Free SOIC-8 Lead Free SOIC-8 Lead Free SOIC-8 Lead Free SOIC-8 Lead Free S-PAK-5
Pin Configuration
GND
TAB
1
2
3
IN
GND OUT
5 4 3 2 1
ADJ OUT GND IN EN
MIC37100-x.x (Fixed) SOT-223 (S)
TAB
MIC37102 (Adjustable) S-PAK-5 (R)
EN 1 IN 2 OUT 3 FLG 4
8 GND 7 GND 6 GND 5 GND
EN 1 IN 2 OUT 3 ADJ 4
8 GND 7 GND 6 GND 5 GND
MIC37101-x.x (Fixed) SOIC-8 (M)
MIC37102 (Adjustable) SOIC-8 (M)
M9999-091604
2
September 2004
MIC37100/37101/37102
Micrel
Pin Description
Pin No. MIC37100 SOT-223 1 Pin No. MIC37101 SOIC-8 1 2 3 3 4 4 2, TAB 5-8 5-8 5 3, TAB Pin No. MIC37102 SOIC-8 1 2 3 Pin No. MIC37102 S-PAK 1 2 4 Pin Name Pin Function
EN IN OUT FLG ADJ GND
Enable (Input): CMOS-compatible control input. Logic high = enable, logic low or open = shutdown. Supply (Input). Regulator Output. Flag (Output): Open-collector error flag output. Active low = output under voltage. Adjustment Input: Feedback input. Connect to resistive voltage-divider network. Ground.
September 2004
3
M9999-091604
MIC37100/37101/37102
Micrel
Absolute Maximum Ratings(1)
Supply Voltage (VIN) ........................................ 0V to +6.5V Enable Voltage (VEN) ................................................. +6.5V Storage Temperature (TS) ....................... -65C to +150C Lead Temperature (soldering, 5 sec.) ....................... 260C ESD ................................................................................ (3)
Operating Ratings(2)
Supply Voltage (VIN) .................................... +2.25V to +6V Enable Voltage (VEN) .......................................... 0V to +6V Maximum Power Dissipation (P ) ........................... (4)
D(max)
Junction Temperature (TJ) ....................... -40C to +125C Package Thermal Resistance SOT-223 (JC) ..................................................... 15C/W SOIC-8 (JC) ....................................................... 20C/W S-PAK-5 (JC) ....................................................... 2C/W
Electrical Characteristics
VIN = VOUT + 1V; VEN = 2.25V; TJ = 25C, bold values indicate -40C TJ +125C; unless noted Symbol VOUT Parameter Output Voltage Line Regulation Load Regulation VOUT/T VDO Output Voltage Temp. Coefficient(6) Dropout Voltage(6) IOUT = 100mA, VOUT = -1% IOUT = 500mA, VOUT = -1% IOUT = 750mA, VOUT = -1% IOUT = 1A, VOUT = -1% IGND Ground Current(7) IOUT = 100mA, VIN = VOUT + 1V IOUT = 500mA, VIN = VOUT + 1V IOUT = 750mA, VIN = VOUT + 1V IOUT = 1A, VIN = VOUT + 1V IOUT(lim) Enable Input VEN IEN Enable Input Voltage logic low (off) logic high (on) Enable Input Current VEN = 2.25V VEN = 0.8V Flag Output IFLG(leak) VFLG(do) VFLG Output Leakage Current Output Low Voltage Low Threshold High Threshold Hysteresis VOH = 6V VIN = 2.250V, IOL, = 250A % of VOUT % of VOUT 1 93 99.2 0.01 210 1 2 500 A A mV % % % 2.25 1 10 30 2 4 0.8 V V A A A Current Limit VOUT = 0V, VIN = VOUT + 1V Condition 10mA 10mA IOUT 1A, VOUT + 1V VIN 6V IOUT = 10mA, VOUT + 1V VIN 6V VIN = VOUT + 1V, 10mA IOUT 1A, Min -1 -2 0.06 0.2 40 125 210 250 280 650 3.5 6.7 11 1.6 25 2.5 200 350 400 500 Typ Max 1 2 0.5 1 Units % % % % ppm/C mV mV mV mV mA mA mA mA A
M9999-091604
4
September 2004
MIC37100/37101/37102
Symbol Parameter Condition Min Typ Max
Micrel
Units
MIC37102 Only Reference Voltage Adjust Pin Bias Current
Notes: 1. Exceeding the absolute maximum ratings may damage the device. 2. The device is not guaranteed to function outside its operating rating. 3. Devices are ESD sensitive. Handling precautions recommended. 4. PD(max) = (TJ(max) - TA) / JA, where JA depends upon the printed circuit layout. See "Applications Information" section. 5. Output voltage temperature coefficient is VOUT(worst case) / (TJ(max) - TJ(min)) where TJ(max) is +125C and TJ(min) is -40C. 6. VDO = VIN - VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage is 2.25V. 7. IGND is the quiescent current. IIN = IGND + IOUT. 8. VEN 0.8V, VIN 6V, and VOUT = 0V.
1.228 1.215
1.240 40
1.252 1.265 80 120
V V nA nA
September 2004
5
M9999-091604
MIC37100/37101/37102
Micrel
Typical Characteristics
Power Supply Rejection Ratio
80 70 60 PSRR (dB) PSRR (dB) 50 40 30 IOUT = 1000mA COUT = 10F 10 C = 0 IN 20 0 0.01 0.1 1 10 100 FREQUENCY (KHz) 1000 VIN = 5V VOUT = 3.3V 80 70 60 50 40 30 IOUT = 1000mA COUT = 47F 10 C = 0 IN 0 0.01 0.1 1 10 100 FREQUENCY (KHz) 20 PSRR (dB)
Power Supply Rejection Ratio
VIN = 5V VOUT = 3.3V 80 70 60 50 40 30
Power Supply Rejection Ratio
VIN = 3.3V VOUT = 2.5V
IOUT = 1000mA COUT = 10F 10 C = 0 IN 20 1000 0 0.01 0.1 1 10 100 FREQUENCY (KHz) 1000
Power Supply Rejection Ratio
80 70 60 PSRR (dB) 50 40 30 IOUT = 1000mA COUT = 47F 10 C = 0 IN 20 0 0.01 0.1 1 10 100 FREQUENCY (KHz) 1000 VIN = 3.3V VOUT = 2.5V
Dropout vs. Output Current
350 300 2.5VOUT
450 400 350 300 250 200 150 100 50
Dropout vs. Temperature
DROPOUT (mV)
250 200 150 100 50 0 0 0.25 0.5 0.75 OUTPUT CURRENT (A) 1 3.3VOUT
DROPOUT (mV)
2.5VOUT
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
Dropout Characteristics (1.5V)
1.6 10mA Load
Dropout Characteristics (1.8V)
2.0 10mA Load 1.8
Dropout Characteristics (2.5V)
3.0
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
1.4 1.2 1 0.8 0.6 0.4 0.2 0 1.5 1.7 1.9 2.1 2.3 INPUT VOLTAGE (V) 2.5 1000mA Load
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 1.5 1.7 1.9 2.1 2.3 2.5 INPUT VOLTAGE (V) 2.7
2.5 2.0 1.5
10mA Load
1000mA Load
1000mA Load 1.0 0.5 0 1.5 2 2.5 3 INPUT VOLTAGE (V) 3.5
Dropout Characteristics (3.3V)
3.5
OUTPUT VOLTAGE (V)
Ground Current vs. Output Current
12
GROUND CURRENT (mA)
Ground Current vs. Supply Voltage (1.5V)
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 1 2 3 4 5 INPUT VOLTAGE (V) 6 10mA 100mA
3.0 2.5 2.0 1.5 1.0 0.5 0 1.5
10mA Load
GROUND CURRENT (mA)
10 8 6 4 1.5V OUT 2 0 0 0.25 0.5 0.75 1 3.3VOUT
1000mA Load
2 2.5 3 3.5 INPUT VOLTAGE (V)
4
OUTPUT CURRENT (A)
M9999-091604
6
September 2004
MIC37100/37101/37102
Micrel
Ground Current vs. Supply Voltage (1.5V)
18
0.8
Ground Current vs. Supply Voltage (1.8V)
25
Ground Current vs. Supply Voltage (1.8V)
GROUND CURRENT (mA)
GROUND CURRENT (mA)
GROUND CURRENT (mA)
16 14 12 10 8 6 4 2 0 0 1 2 3 4 5 INPUT VOLTAGE (V) 6 750mA 1000mA
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 1 2 3 4 5 INPUT VOLTAGE (V) 6 10mA 100mA
20 15 1000mA 10 5 750mA 0 0 1 2 3 4 5 INPUT VOLTAGE (V) 6
Ground Current vs. Supply Voltage (2.5V)
1.4
GROUND CURRENT (mA)
GROUND CURRENT (mA)
Ground Current vs. Supply Voltage (2.5V)
30
GROUND CURRENT (mA)
Ground Current vs. Supply Voltage (3.3V)
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10mA 1 2 3 4 5 INPUT VOLTAGE (V) 6 100mA
1.2 1 0.8 0.6 0.4 0.2 0 0 10mA 1 2 3 4 5 INPUT VOLTAGE (V) 6 100mA
25 20 15 10 5 750mA 0 0 1 2 3 4 5 INPUT VOLTAGE (V) 6 1000mA
Ground Current vs. Supply Voltage (3.3V)
30
Ground Current vs. Temperature
0.4
5
GROUND CURRENT (mA)
Ground Current vs. Temperature
4.5 4 3.5 3 2.5 2 1.5 1 0.5 IOUT=500mA 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) 2.5VOUT
GROUND CURRENT (mA)
GROUND CURRENT (mA)
25 20 15 10 5 0 0 500mA 1 2 3 4 5 INPUT VOLTAGE (V) 6 750mA
0.35 0.3 0.25 0.2 0.15 0.1 0.05 IOUT=10mA 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) 2.5VOUT
Ground Current vs. Temperature
16
Output Voltage vs. Temperature
SHORT CIRCUIT CURRENT (A)
2.6
OUTPUT VOLTAGE (V)
Short Circuit Current vs. Supply Voltage
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 2.25 3 3.75 4.5 5.25 SUPPLY VOLTAGE (V) 6
GROUND CURRENT (mA)
14 12 10 8 6 4 2 IOUT=1000mA 2.5VOUT
2.55
2.5 2.5VOUT 2.45
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
2.4 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
September 2004
7
M9999-091604
MIC37100/37101/37102
Micrel
Short Circuit Current vs. Temperature
SHORT CIRCUIT CURRENT (A)
Flag Voltage vs. Flag Current
1.0
Flag Low Voltage vs. Temperature
350
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) 2.5VIN
FLAG VOLTAGE (V)
FLAG LOW VOLTAGE (mV)
0.8 0.6 0.4 0.2
3.3VIN
300 250 200 150 100 50 Flag Current = 250A 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
5VIN 2.5VIN
0 0 0.5 1 1.5 2 2.5 3 3.5 4 FLAG CURRENT (mA)
Error Flag Pull-Up Resistor
6 Flag High (OK) VIN=5V
Enable Current vs. Temperature
9
FLAG VOLTAGE (V)
5 4 3 2 1 0
0.01 0.1 1
ENABLE CURRENT (A)
8 7 6 5 4 3 2 1 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) 2.5VEN
Flag Low (FAULT)
10
100 1000 10000
RESISTANCE (k)
M9999-091604
8
September 2004
MIC37100/37101/37102
Micrel
Functional Characteristics
Load Transient Response
OUTPUT VOLTAGE (200mV/div)
Load Transient Response
OUTPUT VOLTAGE (200mV/div)
VIN = 3.3V VOUT = 2.5V COUT = 10F Ceramic
VIN = 3.3V VOUT = 2.5V COUT = 10F Ceramic
1000mA
LOAD CURRENT (500mA/div) LOAD CURRENT (500mA/div)
1000mA
100mA
10mA
TIME (400s/div.)
TIME (400s/div.)
Line Transient Response
INPUT VOLTAGE (2V/div) ENABLE VOLTAGE (2V/div)
Enable Transient Response
5V 3.3V
OUTPUT VOLTAGE (50mV/div)
OUTPUT VOLTAGE (1V/div)
VOUT = 2.5V COUT = 10F Ceramic Load=100mA
VIN = 3.3V VOUT = 2.5V IOUT = 100mA COUT = 10F Ceramic TIME (10s/div.)
TIME (400s/div.)
September 2004
9
M9999-091604
MIC37100/37101/37102
Micrel
Functional Diagrams
IN 1.240V
OUT
Ref.
Thermal Shutdown
MIC37100
MIC37100 Fixed Regulator Block Diagram
IN
OUT
1.180V FLAG
Ref.
1.240V
EN Thermal Shutdown
GND MIC37101
MIC37101 Fixed Regulator with Flag and Enable Block Diagram
IN
OUT
Ref.
1.240V
ADJ EN Thermal Shutdown GND MIC37102
MIC37102 Adjustable Regulator Block Diagram
M9999-091604
10
September 2004
MIC37100/37101/37102
Micrel
Input Capacitor An input capacitor of 1F or greater is recommended when the device is more than 4 inches away from the bulk ac supply capacitance or when the supply is a battery. Small, surface mount, ceramic chip capacitors can be used for bypassing. Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity of the output voltage. Error Flag The MIC37101 features an error flag (FLG), which monitors the output voltage and signals an error condition when this voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low under fault conditions and may sink up to 10mA. Low output voltage signifies a number of possible problems, including an overcurrent fault (the device is in current limit) or low input voltage. The flag output is inoperative during overtemperature conditions. A pull-up resistor from FLG to either VIN or VOUT is required for proper operation. For information regarding the minimum and maximum values of pull-up resistance, refer to the graph in the "Typical Characteristics" section of the data sheet. Enable Input The MIC37101 and MIC37102 versions feature an activehigh enable input (EN) that allows on-off control of the regulator. Current drain reduces to "zero" when the device is shutdown, with only microamperes of leakage current. The EN input has TTL/CMOS compatible thresholds for simple logic interfacing. EN may be directly tied to VIN and pulled up to the maximum supply voltage Transient Response and 3.3V to 2.5V or 2.5V to 1.8V, 1.65V or 1.5V Conversion The MIC37100/01/02 has excellent transient response to variations in input voltage and load current. The device has been designed to respond quickly to load current variations and input voltage variations. Large output capacitors are not required to obtain this performance. A standard 10F output capacitor, is all that is required. Larger values help to improve performance even further. By virtue of its low-dropout voltage, this device does not saturate into dropout as readily as similar NPN-based designs. When converting from 3.3V to 2.5V or 2.5V to 1.8V, or lower, the NPN based regulators are already operating in dropout, with typical dropout requirements of 1.2V or greater. To convert down to 2.5V or 1.8V without operating in dropout, NPN-based regulators require an input voltage of 3.7V at the very least. The MIC37100 regulator will provide excellent performance with an input as low as 3.0V or 2.5V respectively. This gives the PNP based regulators a distinct advantage over older, NPN based linear regulators.
Applications Information
The MIC37100/01/02 is a high-performance low-dropout voltage regulator suitable for moderate to high-current voltage regulator applications. Its 500mV dropout voltage at full load and overtemperature makes it especially valuable in battery-powered systems and as high-efficiency noise filters in post-regulator applications. Unlike older NPN-pass transistor designs, where the minimum dropout voltage is limited by the base-to-emitter voltage drop and collector-to-emitter saturation voltage, dropout performance of the PNP output of these devices is limited only by the low VCE saturation voltage. A trade-off for the low dropout voltage is a varying base drive requirement. Micrel's Super eta PNPTM process reduces this drive requirement to only 2% of the load current. The MIC37100/01/02 regulator is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current during overload conditions is constant. Thermal shutdown disables the device when the die temperature exceeds the maximum safe operating temperature. The output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow.
VIN MIC37100-x.x IN CIN OUT GND COUT VOUT
Figure 1. Capacitor Requirements Output Capacitor The MIC37100/01/02 requires an output capacitor to maintain stability and improve transient response. As a Cap LDO, the MIC37100/01/02 can operate with ceramic output capacitors as long as the amount of capacitance is 10F or greater. For values of output capacitance lower than 10F, the recommended ESR range is 200m to 2. The minimum value of output capacitance recommended for the MIC37100/ 01/02 is 4.7F. For 10F or greater the ESR range recommended is less than 1. Ultra-low ESR ceramic capacitors are recommended for output capacitance of 10F or greater to help improve transient response and noise reduction at high frequency. X7R/X5R dielectric-type ceramic capacitors are recommended because of their temperature performance. X7Rtype capacitors change capacitance by 15% over their operating temperature range and are the most stable type of ceramic capacitors. Z5U and Y5V dielectric capacitors change value by as much as 50% and 60% respectively over their operating temperature ranges. To use a ceramic chip capacitor with Y5V dielectric, the value must be much higher than an X7R ceramic capacitor to ensure the same minimum capacitance over the equivalent operating temperature range.
September 2004
11
M9999-091604
MIC37100/37101/37102
Minimum Load Current The MIC37100/01/02 regulator is specified between finite loads. If the output current is too small, leakage currents dominate and the output voltage rises. A 10mA minimum load current is necessary for proper regulation. Adjustable Regulator Design
MIC37102 OUT R1
ENABLE SHUTDOWN
Micrel
been used by MOSFET manufacturers for years, proving very reliable and cost effective for the user. Thermal resistance consists of two main elements, JC (junction-to-case thermal resistance) and CA (case-to-ambient thermal resistance). See Figure 3. JC is the resistance from the die to the leads of the package. CA is the resistance from the leads to the ambient air and it includes CS (case-tosink thermal resistance) and SA (sink-to-ambient thermal resistance).
VIN
IN
VOUT COUT
EN
ADJ GND
R2
R1 VOUT = 1.240V 1 + R2
SOIC-8
Figure 2. Adjustable Regulator with Resistors The MIC37102 allows programming the output voltage anywhere between 1.24V and the 6V maximum operating rating of the family. Two resistors are used. Resistors can be quite large, up to 1M, because of the very high input impedance and low bias current of the sense comparator: The resistor values are calculated by:
V R1 = R2 OUT - 1 1.240
JA JC CA
AMBIENT
ground plane heat sink area
printed circuit board
Figure 3. Thermal Resistance Using the power SOIC-8 reduces the JC dramatically and allows the user to reduce CA. The total thermal resistance, JA (junction-to-ambient thermal resistance) is the limiting factor in calculating the maximum power dissipation capability of the device. Typically, the power SOIC-8 has a JC of 20C/W, this is significantly lower than the standard SOIC-8 which is typically 75C/W. CA is reduced because pins 5 through 8 can now be soldered directly to a ground plane which significantly reduces the case-to-sink thermal resistance and sink to ambient thermal resistance. Low-dropout linear regulators from Micrel are rated to a maximum junction temperature of 125C. It is important not to exceed this maximum junction temperature during operation of the device. To prevent this maximum junction temperature from being exceeded, the appropriate ground plane heat sink must be used.
Where VO is the desired output voltage. Figure 2 shows component definition. Applications with widely varying load currents may scale the resistors to draw the minimum load current required for proper operation (see above). Power SOIC-8 Thermal Characteristics One of the secrets of the MIC37101/02's performance is its power SO-8 package featuring half the thermal resistance of a standard SO-8 package. Lower thermal resistance means more output current or higher input voltage for a given package size. Lower thermal resistance is achieved by joining the four ground leads with the die attach paddle to create a singlepiece electrical and thermal conductor. This concept has
M9999-091604
12
September 2004
MIC37100/37101/37102
900
COPPER AREA (mm2)
Micrel
Using Figure 4, the minimum amount of required copper can be determined based on the required power dissipation. Power dissipation in a linear regulator is calculated as follows: PD = (VIN - VOUT) IOUT + VIN x IGND If we use a 2.5V output device and a 3.3V input at an output current of 1A, then our power dissipation is as follows: PD = (3.3V - 2.5V) x 1A + 3.3V x 11mA PD = 800mW + 36mW PD = 836mW From Figure 4, the minimum amount of copper required to operate this application at a T of 75C is 160mm2. Quick Method Determine the power dissipation requirements for the design along with the maximum ambient temperature at which the device will be operated. Refer to Figure 5, which shows safe operating curves for three different ambient temperatures: 25C, 50C and 85C. From these curves, the minimum amount of copper can be determined by knowing the maximum power dissipation required. If the maximum ambient temperature is 50C and the power dissipation is as above, 836mW, the curve in Figure 5 shows that the required area of copper is 160mm2. The JA of this package is ideally 63C/W, but it will vary depending upon the availability of copper ground plane to which it is attached.
900 800 TJ = 125C TA = 85C 50C 25C
700 600 500 400 300 200 100 0 0
TJA =
0.25 0.50 0.75 1.00 1.25 1.50 POWER DISSIPATION (W)
Figure 4. Copper Area vs. Power SO-8 Power Dissipation Figure 4 shows copper area versus power dissipation with each trace corresponding to a different temperature rise above ambient. From these curves, the minimum area of copper necessary for the part to operate safely can be determined. The maximum allowable temperature rise must be calculated to determine operation along which curve. T = TJ(max) - TA(max) TJ(max) = 125C TA(max) = maximum ambient operating temperature For example, the maximum ambient temperature is 50C, the T is determined as follows: T = 125C - 50C T = 75C
40C 50C 55C 65C 75C 85C
800
100C
COPPER AREA (mm2)
700 600 500 400 300 200 100 0 0
0.25 0.50 0.75 1.00 1.25 1.50 POWER DISSIPATION (W)
Figure 5. Copper Area vs. Power-SOIC Power Dissipation
September 2004
13
M9999-091604
MIC37100/37101/37102
Micrel
Package Information
3.15 (0.124) 2.90 (0.114)
C L
C L
3.71 (0.146) 7.49 (0.295) 3.30 (0.130) 6.71 (0.264)
2.41 (0.095) 2.21 (0.087) 4.7 (0.185) 4.5 (0.177) 6.70 (0.264) 6.30 (0.248)
1.04 (0.041) 0.85 (0.033) DIMENSIONS: MM (INCH) 1.70 (0.067) 16 1.52 (0.060) 10 10 MAX
0.10 (0.004) 0.02 (0.0008)
0.38 (0.015) 0.25 (0.010)
0.84 (0.033) 0.64 (0.025) 0.91 (0.036) MIN
SOT-223 (S)
0.026 (0.65) MAX)
PIN 1
0.157 (3.99) 0.150 (3.81)
DIMENSIONS: INCHES (MM)
0.050 (1.27) TYP
0.020 (0.51) 0.013 (0.33) 0.0098 (0.249) 0.0040 (0.102) 0-8 SEATING PLANE 45 0.010 (0.25) 0.007 (0.18)
0.064 (1.63) 0.045 (1.14)
0.197 (5.0) 0.189 (4.8)
0.050 (1.27) 0.016 (0.40) 0.244 (6.20) 0.228 (5.79)
8-Lead SOIC (M)
M9999-091604
14
September 2004
MIC37100/37101/37102
Micrel
0.375 (9.52) 0.365 (9.27) 0.360 (9.14) 0.350 (8.89) 0.050 (1.27) 0.030 (0.76) 0.256 BSC (6.50 BSC)
DIMENSIONS: INCH (MM)
0.080 (2.03) 0.070 (1.78) 0.010 BSC (0.25 BSC)
0.320 (8.13) 0.310 (7.87)
0.316 BSC (8.03 BSC) 0.420 (10.67) 0.410 (10.41)
0.045 (1.14) 0.035 (0.89)
0.067 BSC (1.70 BSC)
0.031 (0.79) 0.025 (0.63)
0.005 (0.13) 0.001 (0.03) 0.080 (2.03) 0.070 (1.78)
0.031 (0.89) 0.041 (1.14) 0.010 BSC (0.25 BSC)
6 0
5 Lead S-PAK (R)
MICREL, INC.
TEL
1849 FORTUNE DRIVE SAN JOSE, CA 95131
FAX
USA
+ 1 (408) 944-0800
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2004 Micrel, Incorporated.
September 2004
15
M9999-091604


▲Up To Search▲   

 
Price & Availability of MIC37100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X